PART |
Description |
Maker |
PBSS5160DS PBSS5160DS115 PBSS5160DS-15 |
60 V, 1 A PNP/PNP low VCEsat (BISS) transistor 60 V, 1 A PNP low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 1000 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BC556B BC556 BC558B BC557B BC557C BC557A |
PNP Amplifier Transistor(集电发射极电45V,集电极-基极电压-50V的PNP放大器晶体管) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistors(PNP Silicon) From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
SLA4390 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
2SA1009 2SA1009A 2SA1009AH 2SA1009AM 2SA1009J 2SA1 |
PNP SILICON POWER TRANSISTORS 进步党硅功率晶体 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 2 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-220AB TRANSISTOR | BJT | PNP | 350V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-220AB
|
NEC, Corp. NEC Corp. NEC[NEC]
|
ZXTD1M832TC ZXTD1M832 ZXTD1M832TA |
MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Dual PNP Low Sat Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
BC856BS |
65 V, 100 mA PNP/PNP general-purpose transistor 65 V, 100 mA PNP-PNP general-purpose transistor 100 mA, 65 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2PA1774QJT/R 2PA1774RJ 2PA1774SJ 2PA1774RJT/R 2PA1 |
PNP general purpose transistor 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 490 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANS GP BJT PNP 50V 0.1A 3SOT490 T/R 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-89, 3 PIN
|
Philips Semiconductors / NXP Semiconductors NXP Semiconductors N.V.
|
ZXTD3M832TC ZXTD3M832 ZXTD3M832TA |
Dual PNP Low Sat Transistor MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR 3000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SB1197-R 2SB1197 2SB1197-P 2SB1197-Q |
PNP Silicon Epitaxial Transistors 800 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|